Part Number Hot Search : 
1N4565A EE07961 1203S 74AUP2G CPH3206 07197 TC4572BP ICL71
Product Description
Full Text Search
 

To Download AHCFM2-450EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CFM2/CFM3
AM CERAMIC FILTERS Description
* Compact 2/3 element AM IF filter with unique structure for high reliability. * Center frequency range: 450 to 470kHz * Bandwidth at 6dB: 4 to 12kHz. (4~8kHz: CFM3)
Dimensions
Features
* Compact, low profile * High selectivity, suited to a wide range of applications * Low temperature coefficient * Low spurious response * Lead-free terminations
Unit: mm
Applications
* AM radio cassettes, stereo sets, telecommunications * Wireless data communication equipment
Test Circuit
Test Conditions 1. C includes test circuit capacitance. (50pF without L2, 62pF with L2) 2. * L1 2.7mH (CFM2), 1.35mH (CHM3) * L 1.0mH 2 3. During testing, when matching coils are used at input/output sides, connect L1 and L2 (dummy) 4. R1, R2: Input-output impedance Cs: Stray capacitance (less than 50pF, including EV)
STANDARD FILTERS SELECTION GUIDE TYPE CFM2/CFM3 (CERASIZER(R))
TOKO Center Part Frequency (Fo)* Number (kHz) CFM2 ##AHCFM2-450Z 4501.0 ##AHCFM2-450AL 4501.0 ##AHCFM2-450BL 4501.0 ##AHCFM2-450CL 4501.0 ##AHCFM2-450DL 4501.0 ##AHCFM2-450EL 4501.0 CFM3 ##ACFM3-450AL ##ACFM2-450BL ##ACFM2-450CL 4501.0 4501.0 4501.0 Bandwidth at 6dB (kHz) 4.01.0 4.0 min. 6.0 min. 8.0 min. 10.0 min. 12.0 min. 4.0 min. 5.5 min. 8.0 min. Selectivity at Fo9kHz (dB) 24.0 min. 18.0 min. 16.0 min. 12.0 min. 9.0 min. 6.0 min. 28.0 min. 24.0 min. 20.0 min. Ripple in Pass Band (dB) 1.0 max. 1.0 max. 1.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. Insertion Loss (dB) 7.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. Input/Output Impedance (k) 1.0/1.5 1.0/1.5 1.5/2.0 2.0/2.0 2.0/2.0 2.5/2.5 3.0/3.0 3.0/3.0 3.0/3.0
* Center frequencies 450kHz, 455kHz, 459kHz, 460kHz, 468kHz available. Center frequency tolerance available to 0.5kHz.
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
TOKO America, Inc. 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
August 2005
(c) 2005 TOKO America, Inc. All Rights Reserved Printed in USA
CF-313-CFM2/3 R-LOG0805A
1


▲Up To Search▲   

 
Price & Availability of AHCFM2-450EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X